Part Number Hot Search : 
645ETTTS 2SC3457 IRF870 24012 FMMT4124 DTC113 2016A WM8956
Product Description
Full Text Search
 

To Download ILD1-X009T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 1 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output (dual, quad channel) description the ild1, ild2, ild5, ilq1, ilq2 , ilq5 are optically coupled isolated pairs employing gaas infrared leds and silicon npn phototransistor. signal information, including a dc level, can be transmitted by the drive while maintaining a high degree of electrical isol ation between input and output. the ild1, ild2, ild5, ilq1, ilq2, ilq5 are especially designed for driving medium-s peed logic and can be used to eliminate troublesome ground loop and noise problems. also these couplers can be used to replace relays and transformers in many digital interface applications such as ctr modulation. the ild1, ild2, ild5 has two is olated channels in a single dip package and the ilq1, ilq2, ilq5 has four isolated channels per package. features ? current transfer ratio at i f = 10 ma ? isolation test voltage, 5300 v rms ? compliant to rohs di rective 2002/95/ec and in accordance to weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code h, double protection ? csa 93751 ? bsi iec 60950; iec 60065 ? din en 60747-5-2 (vde 0884) available with option 1 ?fimko i179015-3 1 2 3 4 8 7 6 5 e c c e a c c a a c c a a c c a e c c e e c c e 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 v de i179012-1 dual channel quad channel ordering information i lx#-x0##t part number x = d (dual) or q (quad) package option tape and reel agency certified/package dual channel quad channel ctr (%) ul, csa, bsi, fimko 20 to 300 100 to 500 50 to 400 20 to 300 100 to 500 50 to 400 dip-8 ild1 ild2 ild5 - - - dip-8, 400 mil, option 6 - ild2-x006 - - - - smd-8, option 7 ild1-x007t (1) ild2-x007t (1) ---- smd-8, option 9 ILD1-X009T (1) ild2-x009t (1) ild5-x009t (1) --- dip-16 - - - ilq1 ilq2 ilq5 dip-16, 400 mil, option 6 - - - ilq1-x006 ilq2-x006 - smd-16, option 7 - - - ilq1-x007 ilq2-x007t (1) - smd-16, option 9 - - - ilq1-x009t (1) ilq2-x009t (1) ilq5-x009t (1) > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-# option 7 option 6 option 9
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 2 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? additional options may be possibl e, please contact sales office. (1) also available in tubes; do not put t on end. notes ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mount ed devices (smd). refer to wave profile for soldering conditi ons for throught hole devices (dip). vde, ul, csa, bsi, fimko 20 to 300 100 to 500 50 to 400 20 to 300 100 to 500 50 to 400 dip-8 ild1-x001 ild2-x001 ild5-x001 - - - dip-8, 400 mil, option 6 - ild2-x016 - - - - smd-8, option 7 - ild2-x017 - - - - smd-8, option 9 ild1-x019t - - - - - dip-16 - - - - ilq2-x001 - dip-16, 400 mil, option 6 - - - - ilq2-x016 - smd-16, option 7 - - - - ilq2-x017t (1) - absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit input reverse voltage v r 6v forward current i f 60 ma surge current i fsm 2.5 a power dissipation p diss 100 mw derate linearly from 25 c 1.3 mw/c output collector emitter reverse voltage ild1 v ceo 50 v ilq1 v ceo 50 v ild2 v ceo 70 v ilq2 v ceo 70 v ild5 v ceo 70 v ilq5 v ceo 70 v collector current i c 50 ma t < 1 ms i c 400 ma power dissipation p diss 200 mw derate lineary from 25 c 2.6 mw/c coupler isolation test voltage between emitter and detector v iso 5300 v rms creepage distance ? 7mm clearance distance ? 7mm isolation resistance v io = 500 v, t amb = 25 c r io ? 10 12 ? v io = 500 v, t amb = 100 c r io ? 10 11 package power dissipation p tot 250 mw derate linearly from 25 c 3.3 mw/c storage temperature t stg - 40 to + 150 c operating temperature t amb - 40 to + 100 c junction temperature t j 100 c soldering temperature (2) 2 mm from case bottom t sld 260 c agency certified/package dual channel quad channel ctr (%)
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 3 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 60 ma v f 1.25 1.65 v reverse current v r = 6 v i r 0.01 10 a capacitance v r = 0 v, f = 1 mhz c o 25 pf thermal resistance, junction to lead t thjl 750 k/w output collector emitter capacitance v ce = 5 v, f = 1 mhz c ce 6.8 pf collector emitter leakage current v vce = 10 v i ceo 550na saturation voltage, collector emitter i c = 1 ma, i b = 20 a v cesat 0.25 0.4 v dc forward current gain v ce = 10 v, i b = 20 a h fe 200 650 1800 dc forward current gain saturated v ce = 0.4 v, i b = 20 a h fesat 120 400 600 thermal resistance, junction to lead r thjl 500 k/w coupler capacitance (input to output) v io = 0 v, f = 1 mhz c io 0.8 pf current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f (collector emitter saturated) i f =10 ma, v ce = 0.4 v ild1 ctr cesat 75 % ilq1 ctr cesat 75 % ild2 ctr cesat 170 % ilq2 ctr cesat 170 % ild5 ctr cesat 100 % ilq5 ctr cesat 100 % i f =10 ma, v ce = 10 v ild1 ctr ce 20 80 300 % ilq1 ctr ce 20 80 300 % ild2 ctr ce 100 200 500 % ilq2 ctr ce 100 200 500 % ild5 ctr ce 50 130 400 % ilq5 ctr ce 50 130 400 %
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 4 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? according to din en 60747-5-2 (vde 0884) (see figure 2). these op tocouplers are suitab le for safety electrical insulation on ly within the safety ratings. compli ance with the safety ratings shall be ensured by means of suitable protective circuits. fig. 1 - derating diagram fig. 2 - test pulse diagram for sample test according to din en 60747-5-2 (vde 0884); iec 60747-5-5 safety and insulation ratings parameter test condition symbol min. typ. max. unit isolation test voltage between emitter and detector v iso 5300 v rms isolation resistance v io = 500 v, t amb = 25 c r io 10 12 ? v io = 500 v, t amb = 100 c 10 11 climatic classification (according to iec 68 part 1) 55/100/21 comparative tracking index cti 175 rated impulse voltage v iotm 10 kv maximum working voltage recurring peak voltage v iorm 890 v forward current i si 275 ma power dissipation p so 400 mw safety temperature t si 175 c creepage distance 7.0 mm clearance distance 7.0 mm insulation distance per iec 60950 2.10.5.1 0.4 mm t si - safety temperature (c) 0 50 100 150 200 250 300 350 400 450 0 25 50 75 100 125 150 175 phototransistor p so (mw) ir-diode i si (ma) t 13930 t 1 , t 2 = 1 s to 10 s t 3 , t 4 = 1 s t test = 10 s t stres = 12 s v iotm v pd v iowm v iorm 0 t 1 t test t tr = 60 s t stres t 3 t 4 t 2
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 5 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit non-saturated current v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 i f 20 ma ilq1 i f 20 ma ild2 i f 5ma ilq2 i f 5ma ild5 i f 10 ma ilq5 i f 10 ma delay v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t d 0.8 s ilq1 t d 0.8 s ild2 t d 1.7 s ilq2 t d 1.7 s ild5 t d 1.7 s ilq5 t d 1.7 s rise time v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t r 1.9 s ilq1 t r 1.9 s ild2 t r 2.6 s ilq2 t r 2.6 s ild5 t r 2.6 s ilq5 t r 2.6 s storage v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t s 0.2 s ilq1 t s 0.2 s ild2 t s 0.4 s ilq2 t s 0.4 s ild5 t s 0.4 s ilq5 t s 0.4 s fall time v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t f 1.4 s ilq1 t f 1.4 s ild2 t f 2.2 s ilq2 t f 2.2 s ild5 t f 2.2 s ilq5 t f 2.2 s propagation h to l v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t phl 0.7 s ilq1 t phl 0.7 s ild2 t phl 1.2 s ilq2 t phl 1.2 s ild5 t phl 1.1 s ilq5 t phl 1.1 s propagation l to h v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t plh 1.4 s ilq1 t plh 1.4 s ild2 t plh 2.3 s ilq2 t plh 2.3 s ild5 t plh 2.5 s ilq5 t plh 2.5 s
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 6 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 saturated current v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 i f 20 ma ilq1 i f 20 ma ild2 i f 5ma ilq2 i f 5ma ild5 i f 10 ma ilq5 i f 10 ma delay v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t d 0.8 s ilq1 t d 0.8 s ild2 t d 1s ilq2 t d 1s ild5 t d 1.7 s ilq5 t d 1.7 s rise time v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t r 1.2 s ilq1 t r 1.2 s ild2 t r 2s ilq2 t r 2s ild5 t r 7s ilq5 t r 7s storage v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t s 7.4 s ilq1 t s 7.4 s ild2 t s 5.4 s ilq2 t s 5.4 s ild5 t s 4.6 s ilq5 t s 4.6 s fall time v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t f 7.6 s ilq1 t f 7.6 s ild2 t f 13.5 s ilq2 t f 13.5 s ild5 t f 20 s ilq5 t f 20 s propagation h to l v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t phl 1.6 s ilq1 t phl 1.6 s ild2 t phl 5.4 s ilq2 t phl 5.4 s ild5 t phl 2.6 s ilq5 t phl 2.6 s propagation l to h v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t plh 8.6 s ilq1 t plh 8.6 s ild2 t plh 7.4 s ilq2 t plh 7.4 s ild5 t plh 7.2 s ilq5 t plh 7.2 s switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 7 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - non-saturated switching schematic fig. 4 - non-saturated switching timing fig. 5 - saturated switching schematic fig. 6 - saturated switching timing common mode transient immunity (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit common mode rejection, output high v cm = 50 v p-p , r l = 1 k ?? i f = 0 ma cm h 5000 v/s common mode rejection, output low v cm = 50 v p-p , r l = 1 k ?? i f = 10 ma cm l 5000 v/s common mode coupling capacitance c cm 0.01 pf iild1_01 v o v cc = 5 v r l = 75 f = 10 khz, df = 50 % i f = 10 ma iild1_02 t d t r 50 % phl t plh t s t f t i f v o iild1_03 v o v cc = 5 v r l f = 10 khz, df = 50 % i f = 10 ma iild1_04 i f t r v o t d t s t f t phl t plh v th = 1.5 v
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 8 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - normalized non-sa turated and saturated ctr vs. led current fig. 8 - normalized non-sa turated and saturated ctr vs. led current fig. 9 - normalized non-sa turated and saturated ctr vs. led current fig. 10 - normalized non-sa turated and saturated ctr vs. led current fig. 11 - normalized non-sa turated and saturated ctr vs. led current fig. 12 - collector emitter cu rrent vs. temperature and led current iild1_05 100 10 1 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 i f - forward current (ma) v f - forward voltage (v) t a = - 55 c t a = 100 c t a = 25 c iild1_06 100 10 1 0.1 0.0 0.5 1.0 1.5 nctr (sat) nctr i f - led current (ma) ctrnf - normalized ctr factor normalized to: v ce = 10 v,i f = 10 ma t a = 25 c ctr ce(sat) v ce = 0.4 v iild1_07 100 10 1 0.1 0.0 0.5 1.0 1.5 nctr (sat) nctr i f - led current (ma) ctrnf - normalized ctr factor normalized to: v ce =10v, i f = 10 ma,t a = 25 c t a = 50 c ctr ce(sat) v ce = 0.4 v iild1_08 100 10 1 0.1 0.0 0.5 1.0 1.5 i f - led current (ma) nctr(sat) nctr normalized to: v ce = 10 v, i f = 10 ma t a = 25 c ctr ce(sat )v ce = 0.4 v t a = 70 c ctr - normalized ctr factor iild1_09 0.1 1 10 100 1.5 1.0 0.5 0.0 i f - led current (ma) nctr - normalized ctr nctr(sat) nctr normalized to: v ce = 10 v, i f = 10 ma, t a = 25 c ctrce(sat) v ce = 0.4 v t a = 85 c iild1_10 60 50 30 20 10 0 0 5 10 15 20 25 30 35 50 c 70 c 85 c i f - led current (ma) i ce - collector current (ma) 25 c 40
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 9 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 13 - collector emitter leakage current vs.temperature fig. 14 - propagation delay vs. collector load resistor package dimensions in millimeters iild1_11 100 80 60 40 20 0 - 20 10 10 10 10 10 10 10 10 - 2 - 1 0 1 2 3 4 5 t a - ambient temperature (c) i ceo - collector emitter (na) v ce = 10 v typical iild1_12 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 2.5 t plh t phl t plh - propagation low-high (s) t phl - propagation high-low (s) t a = 25 c, i f = 10 ma v cc = 5 v, v th = 1.5 v i178006 pin one id 6.645 0.165 9.77 0.14 0.95 0.19 4 typ. 2.54 typ. 10 3 to 9 7.62 typ. 0.51 0.05 0.25 0.05 3.045 0.255 3.555 0.255 0.70 0.19 6.095 0.255 4 3 2 1 0.79 1.27 5 6 7 8 iso method a
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 10 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters package marking (example) notes ? only option 1 and 7 reflected in the package marking. ? the vde logo is only marked on option 1 parts. ? tape and reel suffix (t) is not part of the package marking. i178007 6.48 6.81 19.77 20.07 0.76 1.14 4 2.54 typ. 10 typ. 3 to 9 0.46 0.56 0.20 0.30 2.79 3.30 pin one id 3.30 3.81 8 7 6 5 4 3 2 1 9 10 11 12 13 14 15 16 7.62 typ. 5.84 6.35 1.27 iso method a 0.51 0.89 0.79 18450-9 0.35 0.25 10.16 10.92 7.8 7.4 10.36 9.96 option 6 8 min. 7.62 typ. 4.6 4.1 8.4 min. 10.3 max. 0.7 option 7 r 0.010 (0.25) 0.100 (2.54) 0.030 (0.76) 0.070 (1.78) 0.060 (1.52) 0.435 (11.05) 0.315 (8.00) min. 8 min. 0.51 1.02 7.62 ref. 9.53 10.03 0.25 typ. 0.102 0.249 15 max. option 9 r 0.010 (0.25) 0.100 (2.54) 0.030 (0.76) 0.070 (1.78) 0.060 (1.52) 0.435 (11.05) 0.315 (8.00) min. ild2 v yww h 68 ilq2 v yww h 68
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of ILD1-X009T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X